Part Number Hot Search : 
78L09 0102A FDB7045 2SC43 PC603 1200AH KF903A BZX55B22
Product Description
Full Text Search
 

To Download TRF250-180S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
PolySwitch(R) PTC Devices
Overcurrent Protection Device Raychem Circuit Protection Products
PRODUCT: TRF250-180S DOCUMENT: SCD 25041 PCN: C76445, D21535 REV LETTER: J REV DATE: MAY 21, 2008 PAGE NO.: 1 OF 1
Specification Status: RELEASED
Max Electrical Rating at 20C
Operating Voltage: 100VDC Interrupt Current: 10ARMS Fault Voltage: 250VRMS
Lead Material: 22 AWG Sn plated copper (0.65 mm [0.026"] nominal diameter) External Coating Material: Cured, flame retardant epoxy polymer, meeting UL94 V-0 requirements.
A
C
B
D E (Center-to-Center)
Device is to be end of life by June 2009. Please use TRF250-183 series for new programs.
Marking:
Manufacturer's Mark Part Identification RoHS Indication
80 F
Lot Identification
TABLE I. DIMENSIONS
A mm: in: Min --Max 9.0 (0.354) Min --B Max 11.5 (0.453) Min --C Max 3.8 (0.150) Min 4.7 (0.185) D Max --E Nom 5.0 (0.197)
TABLE II. PERFORMANCE RATINGS @ 20C (unless otherwise noted):
IHOLD (A) ITRIP (A) RESISTANCE () TIME TO TRIP (s) @ 3A TYP 0.5 MAX 2.0 OPERATING TEMPERATURE (C) MIN -40 MAX 85
R MIN R MAX R1 MAX* 0.180 0.650 0.8 2.2 4.0 * Maximum device resistance at 20C measured 1 hour post trip. Additional Ratings @ 20C Lightning Withstand: Agency Recognitions: Reference Documents: Precedence: Effectivity: CAUTION: ROHS Compliant ITU-T @ 1.5kV
UL, CSA, TUV PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame. ELV Compliant Pb-Free
(c) 2006, 2008 Tyco Electronics Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of TRF250-180S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X